Part Number Hot Search : 
IT8710F AO4813 BR501 25G6EH C0743A 2N3055 C0743A N3002
Product Description
Full Text Search
 

To Download STD3055L2-60 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 STU/D3055L2-60
SamHop Microelectronics Corp. Nov 26 , 2004 Ver1.2
N-Channel Enhancement Mode Field Effect Transistor
PRODUCT SUMMARY
VDSS
20V
FEATURES
( m [ ) Max
ID
14A
RDS(ON)
Super high dense cell design for low RDS(ON).
65 @ VGS = 4.5V 90 @ VGS = 2.5V
Rugged and reliable. TO-252 and TO-251 Package.
D
D G S
G D
S
G
STU SERIES TO-252AA(D-PAK)
STD SERIES TO-251(l-PAK)
S
ABSOLUTE MAXIMUM RATINGS (TA=25 C unless otherwise noted)
Parameter Drain-Source Voltage Gate-Source Voltage
a Drain Current-Continuous @TJ=125 C b -Pulsed (300ms Pulse Width)
Symbol VDS VGS ID IDM IS PD TJ, TSTG
Limit 20 12 14 23 10 50 -55 to 150
Unit V V A A A W C
Drain-Source Diode Forward Current Maximum Power Dissipation
a
a
Operating Junction and Storage Temperature Range
THERMAL CHARACTERISTICS
Thermal Resistance, Junction-to-Case Thermal Resistance, Junction-to-Ambient
1
R JC R JA
3 50
C /W C /W
STU/D3055L2-60
ELECTRICAL CHARACTERISTICS (TA 25 C unless otherwise noted) =
Parameter OFF CHARACTERISTICS
Drain-Source Breakdown Voltage Zero Gate Voltage Drain Current Gate-Body Leakage BVDSS IDSS IGSS
b
Symbol
Condition
VGS 0V, ID 250uA VDS 16V, VGS 0V VGS 12V, VDS 0V VDS VGS, ID = 250uA VGS 4.5V, ID 6.0A VGS 2.5V, ID 5.2A VDS = 5V, VGS = 4.5V VDS 10V, ID 6.0A
Min Typ C Max Unit
20 1 100 0.7 1.2 50 75 15 10 528 139 107 1.8 65 90 V uA nA V
m-ohm m-ohm
ON CHARACTERISTICS
Gate Threshold Voltage
VGS(th) RDS(ON) ID(ON) gFS
c
Drain-Source On-State Resistance On-State Drain Current Forward Transconductance
A S
PF PF PF
DYNAMIC CHARACTERISTICS
Input Capacitance Output Capacitance Reverse Transfer Capacitance
CISS COSS CRSS
c
VDS =8V, VGS = 0V f =1.0MHZ
SWITCHING CHARACTERISTICS
Turn-On Delay Time Rise Time Turn-Off Delay Time Fall Time Total Gate Charge Gate-Source Charge Gate-Drain Charge
tD(ON) t tD(OFF) t Qg Qgs Qgd
VDD = 10V ID = 1A VGEN = 4.5V RL = 10 ohm RGEN = 6 ohm VDS=10V,ID =6A,VGS=10V VDS=10V,ID =6A,VGS=4.5V VDS =10V, ID = 6A VGS =10V
2
13.7 8.9 25.4 14.1 14.5 7.2 1.3 2.1
ns ns ns ns nC nC nC nC
S T U/D3055L2-60
E LE CTR ICAL CHAR ACTE R IS TICS (TA=25 C unless otherwise noted)
Parameter
5
Diode Forward Voltage
S ymbol
VSD
Condition
VGS = 0V, Is =10A
Min Typ Max Unit
1 1.3 V
C
DR AIN-S OUR CE DIODE CHAR ACTE R IS TICS b
Notes a.S urface Mounted on FR 4 Board, t 10sec. b.Pulse Test:Pulse Width 300us, Duty Cycle 2%. c.Guaranteed by design, not subject to production testing.
10
V G S =10,9,8,7,6,5,4,3V
25 25 C
8
20
ID, Drain C urrent(A)
ID, Drain C urrent (A)
6 V G S =2V 4 2 0
15 T j=125 C 10
5 -55 C 0 0.0
0
2
4
6
8
10
12
0.5
1
1.5
2
2.5
3
V DS , Drain-to-S ource Voltage (V )
V G S , G ate-to-S ource Voltage (V )
F igure 1. Output C haracteris tics
R DS (ON), On-R es is tance(Ohms )
2.2 1.8 1.4 1.0 0.6 0.2 0
F igure 2. Trans fer C haracteris tics
V G S =4.5V ID=6A
1500
C , C apacitance (pF )
1200 900 600 C is s 300 0 C rs s 0 2 4 6 8 10 12 C os s
-50
-25
0
25
50
75
100 125 T j( C )
V DS , Drain-to S ource Voltage (V )
F igure 3. C apacitance
F igure 4. On-R es is tance Variation with Temperature
3
S T U/D3055L2-60
B V DS S , Normalized Drain-S ource B reakdown V oltage V th, Normalized G ate-S ource T hres hold V oltage
1.8 1.6 1.4 1.2 1.0 0.8 0.6 0.4 -50 -25 0 25 50 75 100 125 V DS =V G S ID=250uA 1.15 1.10 1.05 1.00 0.95 0.90 0.85 -50 -25 0 25 50 75 100 125 ID=250uA
T j, J unction T emperature ( C )
T j, J unction T emperature ( C )
F igure 5. G ate T hres hold V ariation with T emperature
24
F igure 6. B reakdown V oltage V ariation with T emperature
20
gFS , T rans conductance (S )
16 12 8 4 0 V DS =10V 0 5 10 15 20 25
Is , S ource-drain current (A)
20
10
1 0 0.4 0.6 0.8 1.0 T J =25 C 1.2 1.4
IDS , Drain-S ource C urrent (A)
V S D, B ody Diode F orward V oltage (V )
F igure 7. T rans conductance V ariation with Drain C urrent
10
ID, Drain C urrent (A)
F igure 8. B ody Diode F orward V oltage V ariation with S ource C urrent
40
V G S , G ate to S ource V oltage (V )
8 6 4 2 0 0
VDS =10V ID=6A
10
R
DS
(O N
) Li
m it
10
10 0m s
ms
11
DC
1s
0.1 0.03
VGS =4.5V S ingle P ulse T c=25 C 0.1 1 10 20 50
2
4
6
8
10 12 14 16
Qg, T otal G ate C harge (nC )
V DS , Drain-S ource V oltage (V )
F igure 9. G ate C harge
F igure 10. Maximum S afe O perating Area
4
S T U/D3055L2-60
V DD ton V IN D VG S R GE N G
90%
toff tr
90%
RL V OUT
td(on) V OUT
td(off)
90% 10%
tf
10%
INVE R TE D
6
S
V IN
50% 10%
50%
P ULS E WIDTH
F igure 11. S witching T es t C ircuit
F igure 12. S witching Waveforms
2
r(t),Normalized E ffective T ransient T hermal Impedance
1 D=0.5
0.2 0.1 0.1 0.05 0.02 0.01 S ING LE P ULS E 0.01 10
-5 -4 -3 -2 -1
P DM t1 1. 2. 3. 4. 10 10 10 t2
R cJ A (t)=r (t) * R cJ A R cJ A=S ee Datas heet T J M-T A = P DM* R cJ A (t) Duty C ycle, D=t1/t2 1 10
10
S quare Wave P uls e Duration (s ec)
F igure 13. Normalized T hermal T rans ient Impedance C urve
5
S T U/D3055L2-60
6
S T U/D3055L2-60
5 95 7 84 9 6.00
35 05 85 0.94 4 3 0
9 7 30 3 9 36
3 41 3 3 5 1
4
L2
2.29 9.70 1.425 0.650 0.600
BSC 1 1.625 0.850 REF.
0.090 82 56 6 0.024
BSC 398 0.064 33 REF.
7
S T U/D3055L2-60
TO-251 Tube
TO251 Tube/TO-252 Tape and Reel Data
" A"
TO-252 Carrier Tape
UNIT:P PACKAGE TO-252 (16 P) A0 6.80 O0.1 B0 10.3 O0.1 K0 2.50 O0.1 D0 r2 D1
r1.5 + 0.1 -0
E 16.0 0.3O
E1 1.75 0.1O
E2 7.5 O0.15
P0 8.0 O0.1
P1 4.0 O0.1
P2 2.0 O0.15
T 0.3 O0.05
TO-252 Reel
S
UNIT:P TAPE SIZE 16 P REEL SIZE r 330 M r330 O 0.5 N r97 O 1.0 W
17.0 + 1.5 -0
T 2.2
H
r13.0 + 0.5 - 0.2
K 10.6
S 2.0 O0.5
G
R
V
8


▲Up To Search▲   

 
Price & Availability of STD3055L2-60

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X